Part Number Hot Search : 
C3216X7R PC35005 SM512 50010 STI7106 AO340 2N5320 K1515
Product Description
Full Text Search
 

To Download G8925-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTODIODE
InGaAs PIN photodiode with preamp
G8925 series
High-speed response: 10 Gbps, pigtail type
G8925-21
Features
Applications
l High-speed response: 10 Gbps l Supply voltage: 5 V l Wide dynamic range: -18 to 0 dBm l Small size l Fire resistant optical fiber
l Optical fiber communications l SDH/SONET l WDM
I Absolute maximum ratings (Ta=25 C)
Parameter Operating temperature Storage temperature * No condensation Parameter Supply current
Symbol Topr Tstg
Value -20 to +70 * -40 to +85 *
Unit C C
I Electrical and optical characteristics(Ta=25 C, Vcc=Vpd=5 V, Vee=0 V, RL=50 W, unless otherwise noted)
Symbol Icc S Fc Tz Condition Dark state, RL= l=1.3 m l=1.55 m l=1.55 m, -3 dB RL=100 W, f=100 MHz 10 Gbps, NRZ PRBS=223-1, BER=10-12 l=1.55 m Min. 0.70 0.75 Typ. 78 0.85 0.90 8.5 1.0 -18 0 Max. -
Unit mA
Photo sensitivity (photodiode) Cut-off frequency Differential transimpedance Minimum receivable sensitivity Maximum receivable sensitivity
A/W GHZ kW dBm dBm
I Package lineup
Configuration Package Fiber Connector Type Type Length Type Dimensional outline -21 -22
SC
-23 Board SM (9.5 /125 ) f0.9 1 m +20 cm/-0 cm FC MU
G8925
-24
LC
PRELIMINARY DATA Sep. 2002
1
InGaAs PIN photodiode with preamp
I Dimensional outlines (unit: mm, tolerance unless otherwise noted: 0.25) Package
12.6 2.1 8.4 7.0 3.00
LEAD 0.5
G8925 series
0.2 LEAD (3 x) 0.9 (3 x) 0.9 0.94 LEAD 0.3
13.4
9.2
8.0
7.5
5.0
4.0
(2 x) 2.2
8.4
(24.2)
I Pin connection
Pin No. G8925 series GND Vpd Vout+ VoutVcc
3.3 0.3 0.7 5.5 0.5
KIRDA0163EB
(2.65)
Connector SC FC
JIS C5973 SC/SPC CONNECTOR
KIRDA0102EA
JIS C5970 FC/SPC CONNECTOR
KIRDA0103EA
MU
LC
JIS C5983 MU CONNECTOR
KIRDA0164EA
ANSI/TIA/EIA 604-10 LC CONNECTOR (BTW)
KIRDA0165EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2002 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
2
Cat. No. KIRD1056E02 Nov. 2002 DN


▲Up To Search▲   

 
Price & Availability of G8925-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X